PART |
Description |
Maker |
00600300 |
7-Pole Aluminium Body Sockets ?24V ?ISO 1185 ?ISO 3731
|
Littelfuse
|
00605800 |
13-Pole Plastic Body Sockets ?12V ?ISO 11446
|
Littelfuse
|
SA2403 |
Plugs and Sockets (3 & 4 pole)
|
Elektron Components Ltd.
|
4831.1300 4831.1310 4831.1320 |
4831, PCB terminals, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
|
Schurter Inc.
|
4832.1211 |
4832, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
|
Schurter Inc.
|
SK233N700100 SK233N706100 SK232N700100 SK234N70010 |
SK23 distribution box, top mounting 3-pole M8-A sockets, built-in control cable
|
SHIELD s.r.l.
|
DT12J22B2AQA DT12J22B2AQF DT22J22B2AQA DT22J22B2AQ |
DIP Sockets; 864-AG10D-ES=SOCKET ASSY. ( AMP ) Miniature Double Pole Rocker Switches 微型双杆跷板开
|
ITT Corporation ITT, Corp.
|
00605500 |
15-Pole Plastic Body Plug ?24V ?ISO 12098
|
Littelfuse
|
CLP1000CF200 CLP1000CF20011 CLP1000BG200 CLP1000AB |
CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
|
Dubilier
|
6765 |
IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
|
Schurter Inc.
|
FKH |
IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
|
Schurter Inc.
|